Part Number Hot Search : 
KM616 A9N18468 SP312ECA IRFP4127 75000 GSYBA 43CTQ080 2SK3405
Product Description
Full Text Search
 

To Download POWER-ONEINC-LWN1840-6EM1FK2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcd20020-g rev ab1, 17-nov-09 page 1 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters ? rohs lead-free-solder and lead-solder-exempted products are available ? rugged 35 mm din-rail snap-fit design ? class i equipment ? universal ac-input with single stage conversion ac to dc, or dc input of 66 to 350 v ? power factor correction, harmonics iec/en 61000-3-2 ? virtually no inrush current ? immunity to iec/en 61000-4-2, -3, -4, -5, -6, -11 ? emissions according to en 55011/022 ? very high efficiency; up to 89% ? short-term output peak power capability, rectangular current limiting characteristic ? single or two independently regulated outputs with 12, 24, 36, or 48 v ? outputs no-load, overload, and short-circuit proof ? pcbs protected by lacquer ? very high reliability description the convert select front end series represents a family of din-rail mountable dc-dc and ac-dc converters with power factor correction. the converters have been designed according to the latest industry requirements and standards. the converters are ideal for use in outdoor and other demanding applications to power building control systems, factory automation, industrial controls, instrumentation, electromagnetic drives, fans, and other dc loads. different models are available with a single output or two independently regulated, electrically isolated outputs with 12, 24, 36, or 48 v. special models for battery charging are available. the ew models are particularly suitable for 110 v railway applications; they have been designed in accordance with the railway standards en 50155 and en 50121. key features of the convert select line include power factor correction with low harmonic distortion, negligibly low inrush current, high immunity to transients and surges, and low safety according to iec/en 60950-1, ul/csa 60950-1, iec/en 50178, iec 61010-1, ul 508 electromagnetic emissions. internal protection circuits such as input over- and undervoltage lockout, thermal protection, as well as output overvoltage protection by a second control loop ensure safe operation of the final system. the outputs deliver an electrically-isolated safety extra low voltage, selv, (except models lwr/lwn1740) and low output noise. they are no-load, overload, and short-circuit proof. the electronically controlled short-term peak power capability of up to 150% of the rated output power enables the front end converters to deliver additional power to start-up motors or to safely operate subsequent circuit breakers. built-in large sized output capacitors absorb possible reverse energy, which may be caused by quick deceleration of electromagnetic drives connected directly to the output. a green led at the front cover displays the status of the output(s). the convert select series was designed according to all relevant international safety standards. the converters are approved by tv and ul, and are ul 508 listed. adequate table of contents page page features 114 4.49" 103 4.05" 138 5.43" description .......................................................................... 1 model selection .................................................................. 2 functional description ........................................................ 4 electrical input data ............................................................ 6 electrical output data ......................................................... 8 electromagnetic compatibility (emc) ............................... 13 immunity to environmental conditions ................................. 16 mechanical data ................................................................... 17 safety and installation instruction ......................................... 18 description of options .......................................................... 21 accessories ........................................................................... 24
bcd20020-g rev ab1, 17-nov-09 page 2 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters clearances and creepage distances allow operation in pollution degree 3 environment (with ac input). all board assemblies are coated with a protective lacquer. the thermal concept allows operation at full load up to an ambient temperature of 60 c (lw models) or 70 c (ew models) in free air without forced cooling. a rugged din snap- fit device allows easy and reliable fixing onto the various 35 mm din rail models. the converters are fitted with cage clamp model selection table 1: standard models output 1 output 2 output power operating input type effic. options 3, 5 v o1 nom 1 i o1 nom v o2 nom 1 i o2 nom p o nom voltage designation 6 ? ? min 8 [vdc] [a] [vdc] [a] [w] v i min - v i max [%] 12.35 7.5* - - 93* 85 2 ? 264 vac, lwr1301-6e 3 83* r 12.35 14* - - 173* 47 ? 63 hz 4 , lwn1301-6e 3 83* d1, d2, d5 24.7 5 - - 124 90 2 ? 350 vdc 7 lwr1601-6e 87 m1, m2 24.7 10 - - 247 lwn1601-6e 87 f 37 3.3 - - 122 lwr1701-6e 3 88 k2, g 37 6.6 - - 244 lwn1701-6e 3 88 49.4 2.5 - - 124 lwr1801-6e 88 49.4 5 - - 247 lwn1801-6e 88 12.35 7* 12.35 7* 173* lwn2320-6e 3 83* 24.7 5 24.7 5 247 lwn2660-6e 87 37 3.3 37 3.3 244 lwn2770-6e 3 89 49.4 2.5 49.4 2.5 247 lwn2880-6e 89 24.7 5 - - 120 66 ? 150 vdc ewr1601-0 9 87 r, m1, m2 24.7 5 24.7 5 240 ewn2660-0 9 87 q, k2, g * version 106 or higher 1 r-input not connected. 2 for derating at low input voltage see section output power derating. 3 for minimum quantity and lead times contact power-one. 4 the converters have been tested up to 440 hz; for operating frequencies <47 hz or >63 hz contact power-one. 5 on double-output models the options r, m2, d1, d2, d5 are related to the second output only. 6 improved emc performance for lwn/lwr models. former models without e are still available on request. 7 v i 250 vdc for models with option f 8 min. efficiency at v i nom , i o nom , and t a = 25 c. typical values are approx. 2% better. 9 ewn and ewr models are designed for railway applications according to en 50155 and en 50121. terminals easily accessible from the front. system connectors with screw terminals for use with pre-assembled harnesses, external adjustment of the output voltage as well as various auxiliary functions are available as options. the letter e stands for improved emc performance of lw models.
bcd20020-g rev ab1, 17-nov-09 page 3 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters table 2: battery charger models (m1 included) output voltage nominal output values operating input type designation 6 effic. options 3 v bat v o safe 1 v o max v o nom 5 i o nom 5 p o nom 5 voltage ? ? min 8 [vdc] [vdc] [vdc] [vdc] [a] [w] v i min - v i max [%] 12 13.8 1 14.65 13.8 7.5 * 104* 85 2 ? 264 vac, lwr1140-6em1 3 83* f 14* 194* 47 ? 63 hz 4 , lwn1140-6em1 3 85* k2, g 24 25.68 1 29.3 27.3 4.2 115 90 2 ? 350 vdc 7 lwr1240-6em1 86 8.4 230 lwn1240-6em1 85 36 38.52 1 43.95 40.88 2.8 115 lwr1840-6em1 3 86 5.6 230 lwn1840-6em1 3 86 48 51.36 1 58.6 54.5 2.1 115 lwr1740-6em1 86 4.2 230 lwn1740-6em1 87 * version 106 or higher 1 setting voltage (typ.) with open r-input 2 for derating at low input voltage see section output power derating . 3 for minimum quantity and lead times consult power-one. 4 the converters have been tested up to 440 hz; for operating frequency <47 hz or >63 hz contact power-one. 5 nominal output figures, calculated with a cell voltage of 2.27 v at 20 c. 6 improved emc performance. former models without e are still available on request. 7 v i 250 vdc for models with option f. 8 min. efficiency at v i nom , v o nom , i o nom , and t a = 25 c. typical values are approx. 2% better. part number description l w n 2 660 -6 e d2 f k2 g input voltage range .......................................................... e, l series .................................................................................. w nominal output power 125 w .............................................................. r 250 w .............................................................. n number of outputs ............................................................ 1, 2 type specification .................................................. 000 ? 999 operational ambient temperature range t a ?40 to 60 c ................................................... -6 ew or customer-specific ........................... -0, -5 improved emc performance ................................................ e options output voltage control input 2 ....................................... r save data signal 2 .......................................... d1, d2, d5 multiple functions via d-sub connector 2 .. m1, m2 built-in second fuse, input diode ................. f, q system connector .......................................... k2 rohs compliant for all six substances .......... g 1 1 g is always placed at the end of the part number. consult power-one for availability ! 2 only one of these options is possible. example: lwn2660-6ed2fk2g: power factor corrected ac-dc converter, operating input voltage range 85 ? 264 vac, 2 electrically isolated and individually regulated outputs, each providing 24.7 v, 5 a, improved emc performance, options d2, f, k2, and rohs-compatible for all 6 substances.
bcd20020-g rev ab1, 17-nov-09 page 4 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters functional description the w series converters are primary controlled ac-dc or dc- dc flyback converters with a constant switching frequency of 130 khz. the power-factor-corrected single-step conversion of the input voltage to a low output voltage results in extremely high efficiency. depending upon the output power, the converters are fitted with one (125 w) or two (250 w) powertrains. models with two powertrains have one or two outputs. double-output models exhibit indiviually regulated powertrains. the input voltage is fed via fuse, filter, and rectifier to the main transformer, designed in planar technique. the input filter with very small input capacitance generates virtually no inrush current. an input transient suppressor protects the converter against high voltage peaks and surges. input over- and undervoltage lockout as well as input current limitation protect the converter from operation outside of its specification. the input voltage waveform is sensed by the primary control logic to allow active power factor correction, forcing the input current to follow the input voltage waveform. the secondary side of the main transformer supplies via the rectifier diode a large electrolytic output storage capacitor providing for the hold-up time. double-output models exhibit an individual control logic each. the output voltage and the output current are measured and fed back to the primary control logic via an optocoupler. a second control loop monitors the output voltage. it disables the output in the case of a failure in the control logic and limits the output voltage. built-in temperature sensors monitor the internal temperature of each powertrain. if the temperature exceeds the limit, the converter reduces the output power continuously to keep the temperature below its limit. a green led on the front cover confirms the presence of the output voltage(s). the r input (option r, m1, or m2) allows for external adjustment of the output voltage by means of a resistor or an external voltage source. an external sensor can be connected to the r input and allows for temperature-controlled battery charging (see accessories). fig. 1 single-output converters (125 w). product marking basic type designation, applicable safety approval and recognition marks, ce mark, warnings, pin designation, power-one company logo. specific type designation, input voltage range, nominal output voltages and currents, degree of protection, batch no., serial no., and data code including production site, version, and date of production. input filter input filter v o /i o control output filter 2 nd control loop (selv) control circuit including pfc and input ovp/uvp l n vo+ voC c y c y c y c y c y aux fuse 2 nd fuse (option f) 2 1 03103b shunt shunt 3 4 5 8 9 2 3 6 7 1 11 10 viC vi+ rectifier 1 + 1 ew models have a link or a decoupling diode (opt. q) in the vi+ line.
bcd20020-g rev ab1, 17-nov-09 page 5 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters fig. 2 250 w converters. the figure shows ewn double-output models. for the pinout of 250 w single-output models see fig. 1 or table 13. input filter c y c y fuse 2 1 03104b 3 input filter v o /i o control output filter 2 nd control loop control circuit including pfc and input ovp/uvp vo1+ vo1C c y c y c y shunt shunt 4 5 2 3 input filter v o /i o control output filter 2 nd control loop control circuit including pfc and input ovp/uvp vo2+ vo2C c y c y c y aux shunt shunt 8 9 6 7 11 10 1 l n viC vi+ 2 nd fuse (option f) rectifier 1 + + 1 ew models have a link or a decoupling diode (opt. q) in the vi+ line.
bcd20020-g rev ab1, 17-nov-09 page 6 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters electrical input data general conditions: t a = 25 c, unless t c is specified. table 4a: input data of lw models input lwr lwn unit ac-input dc-input ac-input dc-input characteristic conditions min typ max min typ max min typ max min typ max v i operating input voltage i o = 0 ? i o nom 85 2 264 90 2 350 4 85 2 264 90 2 350 4 v range t c ? t c max v i nom rated input volt. range 100 (230) 240 220 100 (230) 240 220 f i rated input frequency 1 50 ? 60 -- 50 ? 60 -- hz i i input current i o nom, v i = v i nom 0.63 0.65 1.25 1.3 a i o nom, v i = v i min 1.75 1.67 3.5 3.3 p i0 no-load input power v i min ? v i max 1.2 0.9 1.3 1 w i inrush inrush current v i max , t > 0.1 ms 3 3 5 5 a c i input capacitance 5 5 6 6 f pf power factor v i nom = 230 v, i o nom 0.86 5 -- 0.86 5 -- v i rfi conducted input rfi en 55011/55022 a, b 3 a, b 3 a, b 3 a, b 3 radiated input rfi v i nom, i o nom b 3 b 3 b 3 b 3 f switch switching frequency 130 130 130 130 khz 1 for operating frequencies <47 hz and >63 hz cont act power-one. the converters have been tested up to 440 hz. 2 output power derating at low input voltage and/or high case temperature t c (see output power derating ). 3 only valid for models with option e (type test with lwn1801-6e) 4 v i 250 vdc for models with option f. 5 models with 12 v output: 0.70 for lwr, 0.75 for lwn table 4b: input data of ew models input ew r e w n unit dc-input dc-input characteristic conditions min typ max min typ max v i operating input voltage i o = 0 ? i o nom 66 150 1 66 150 1 v range t c to t c max v i nom nominal input voltage 110 110 v uvt undervoltage trigger 54 60 54 60 i i input current i o nom, v i = v i nom 1.25 2.5 a i o nom, v i = 66 v 2.2 4.4 p i0 no-load input power v i min ? v i max 0.8 1.3 w i inrush inrush current v i max , t > 0.1 ms 6 12 a c i input capacitance 2.5 4.5 f v i rfi conducted input rfi en 55011/55022 a a radiated input rfi v i nom, i o nom -- -- f switch switching frequency 130 130 khz 1 v i 168 vdc for 3 s. overvoltage trigger adjusted to 170 ? 182 v.
bcd20020-g rev ab1, 17-nov-09 page 7 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters table 5b: p o derating according to ul 60950 at t a = 50 c, or according to ul 508 at t out = 40 c model p o nom t c max derate below derate by [w] [c] v i [vac] v i [vdc] [w/v] lwr1601-6e 124 76 98 no derating ?0.67 lwn1601/2660-6e 247 86 115 105 ?1.25 lwr1801-6e 124 76 93 no derating ?0.67 lwn1801/2880-6e 247 86 105 95 ?1.25 output power derating the output power of lw models must be decreased at low input voltage and/or powertrain temperature above 125 c. the powertrain temperature depends on the output power, the input voltage, and the cooling method. at low input voltage the losses increase. at the maximum specified environment temperature t a free air convection cooling might be insufficient approaching maximum ambient conditions. as a result, the output power has to be reduced according to the tables below. input fuse and protection a fast-blow fuse ( schurter f 6.3 a, 5 20 mm), protected by a sleeve, is connected to the input l or vi+. ew models have a smaller fuse (250 v, 4 9 mm, soc nt3 6.3a v009, ul- recognized e-39265). for dc input voltages above 250 v consult the installation instructions . converters with option f have 2 small fuses, one in each input line. converters with option ef (e and f) have 2 large fuses ( f6.3 a, 5 20 mm). the dc input voltage for converters with option f is limited to 250 v. a vdr and a symmetrical input filter form an effective protection against input transients. an under- and an overvoltage lockout protect the converter, which is disabled below v i min and above v i max by an internally generated inhibit signal. the built-in bridge rectifier (lw models) provides reverse polarity protection at the input if operated from dc. ew models are protected by the (blowing) input fuse in connection with the body diode of the main transistor. option q offers a serial diode, but this reduces the efficiency by approx. 1%. note: the measurements have been made by the approval boards with free air convection cooling according to ul 60950 specified ambient temperature t a and with the converter built in a cardboard box according to ul 508 and a specified temperature outside the box t out . the tables give a correlation between t a or t out and the case temperature t c (measuring point t c see mechanical data ). for models not specified, please contact power-one. ew models have no derating. efficiency table 5a: p o derating according to ul 60950 at t a = 60 c, or according to ul 508 at t out = 50 c model p o nom t c max derate below derate by [w] [c] v i [vac] v i [vdc] [w/v] lwr1601-6e 124 80 108 98 ?0.67 lwn1601/2660-6e 247 89 125 115 ?1.25 lwr1701-6e 122 80 125 115 ?1.25 lwn1701-6e 244 90 125 115 ?1.25 lwr1801-6e 124 80 98 93 ? 0.67 lwn1801/2880-6e 247 89 125 115 ?1.25 fig. 3 efficiency versus load (lwn2660-6) 0 0.2 0.4 0.6 0.8 1 0 30 40 10 20 50 60 70 80 90 o o nom v i = 125 vac v i = 230 vac 04071
bcd20020-g rev ab1, 17-nov-09 page 8 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters 0 0.2 0.4 0.6 0.8 1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 pf v i = 125 vac v i = 230 vac 04069a i o i o nom 0 1 2 3 4 35791113 ma/w 04070b limit class d according to iec/en 61000-3-2 harm. lwn1701-6e fig. 5 power factor versus load (lwn2660-6) fig. 4 harmonic currents at input current, measured at v i = 230 vac , i o = i o nom (lwn1701-6e). power factor, harmonics all converters feature active power factor correction. electrical output data table 6a: output data of 125 watt standard models. general conditions: t a = 25 c, unless t a is specified; r input open-circuit model lwr1301 ewr/lwr1601 lwr1701 lwr1801 unit characteristic conditions min typ max min typ max min typ max min typ max v o nom output voltage nominal 1 v i nom , i o nom 12.0 24.25 24.7 25.2 36.4 37 37.8 48.5 49.36 50.4 v * 12.2 12.35 12.5 24.55 24.7 24.85 36.8 37 37.2 49.06 49.36 49.66 v o worst output voltage range v i min ? v i max , 11.9 13.0 24.0 25.8 36.0 38.7 48.0 51.6 of tolerance i o = (0.1 ? 1) i o nom v o l overvoltage protection 14 * 15 * 28.5 30 42.7 45 57 60 p o nom nominal output power v i = 10 0 v ? v i max 105 * 124 122 124 w i o nom output current nominal 7.5 * 5.0 3.3 2.5 a i o l output current limit 3 v i min ? v i max 7.6 8.5 5.1 5.7 3.4 3.8 2.53 2.9 i op output current boost 4 typ. 1 s 11.3 7.5 5.0 3.75 v o ripple and noise ewr v i = 110 vdc, i o nom - 500 - - mv pp lwr v i = 230 vac, 100 100 100 100 f i = 50 hz, i o nom 1100 2 1100 2 1200 2 1200 2  v o u static line regulation 100 v ? v i max, i o nom 0.08 0.1 0.15 0.15 v  v o l static load regulation v i nom , ? 0.2 ? 0.4 ? 0.6 ? 0.8 (droop) i o = (0.1 ? 1) i o nom v od dynamic load regulation v i nom , 1 1.2 1.5 1.8 voltage deviation i o = (0.5  1) i o nom recovery time 40 40 80 80 ms  v o temperature coefficient t c min ? t c max 0.02 0.02 0.02 0.02 %/k t or start-up time v i = 0  v i nom, i o nom 700 700 700 700 ms t oh min hold-up time i o nom , 10 6/15 20 25 v o nom  0.8 v o nom * converters with feature e and version  106 1 setting voltage with open r-input 2 superimposed low frequency ripple at 2 ? f i 3 rectangular current limit characteristic (continuous operation) 4 short-term peak power capability 150% of p o nom for approx. 1 s
bcd20020-g rev ab1, 17-nov-09 page 9 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters table 6b: output data of 250 watt single-output standard models. general conditions as in table 6a model lwn1301 lwn1601 lwn1701 lwn1801 unit characteristic conditions min typ max min typ max min typ max min typ max v o nom output voltage nominal 1 v i nom , i o nom 24.25 24.7 25.2 36.4 37 37.8 48.5 49.36 50.4 v * 12.2 12.35 12.5 24.55 24.7 24.85 36.8 37 37.2 49.06 49.36 49.66 v o worst output voltage range v i min ? v i max , 11.9 13.0 24.0 25.8 36.0 38.7 48.0 51.6 of tolerance i o = (0.1 ? 1) i o nom v o l overvoltage protection 14 * 15 * 28.5 30 42.7 45 57 60 p o nom nominal output power v i = 10 0 v ? v i max 173 * 247 244 247 w i o nom output current nominal 14 * 10 6.6 5.0 a i o l output current limit 3 v i min ? v i max 14.1 * 16* 10.2 11.4 6.7 7.6 5.1 5.6 i op output current boost 4 typ. 1 s 21 15 10 7.5 v o ripple and noise v i = 230 vac, 100 100 100 100 mv pp f i = 50 hz, i o nom 1100 2 1100 2 1200 2 1200 2 ? v o u static line regulation 100 v ? v i max, i o nom 0.08 0.1 0.15 0.15 v ? v o l static load regul. (droop) v i nom , (0.1 ? 1) i o nom ? 0.2 ? 0.4 ? 0.6 ? 0.8 v od dynamic load regulation v i nom , 1 1.2 1.5 1.8 voltage deviation i o = (0.5 ? 1) i o nom recovery time 40 40 80 80 ms v o temperature coefficient t c min ? t c max 0.02 0.02 0.02 0.02 %/k t or start-up time v i = 0 v i nom, i o nom 700 700 700 700 ms t oh min hold-up time i o nom ,1 01 52 02 5 v o nom 0.8 v o nom table 6c: output data of 250 watt double-output standard models. general conditions as in table 6a model lwn2320 ewn/lwn2660 lwn2770 lwn2880 unit characteristic conditions min typ max min typ max min typ max min typ max v o1 nom output voltage nominal 1 v i nom , i o nom 24.25 24.7 25.2 37 48.5 49.36 50.4 v v o2 nom * 12.2 12.35 12.5 24.55 24.7 24.85 36.8 37 37.2 49.06 49.36 49.66 v o worst output voltage range v i min ? v i max , 11.9 13.0 24.0 25.8 36.0 38.7 48.0 51.6 of tolerance i o = (0.1 ? 1) i o nom v o l overvoltage protection 14 * 15 * 28.5 30 42.7 45 57 60 p o nom nominal output power v i = 10 0 v ? v i max 173* 247 244 247 w i o nom output current nominal 2 7 * 2 52 3.3 2 2.5 a i o l output current limit 3 v i min ? v i max 7.1 * 7.8* 5.1 5.7 3.4 3.8 2.53 2.9 i op output current boost 4 typ. 1 s 2 11.3* 2 7.5 2 5.0 2 3.75 v o ripple and noise v i = 230 vac, 100 100 5 100 100 mv pp f i = 50 hz, i o nom 1100 2 1100 2 1200 2 1200 2 ? v o u static line regulation 100 v ? v i max, i o nom 0.08 0.1 0.15 0.15 v ? v o l static load regul. (droop) v i nom , (0.1 ? 1) i o nom ? 0.2 ? 0.4 ? 0.6 ? 0.8 v od dynamic load regulation v i nom , 1 1.2 1.8 voltage deviation i o = (0.5 ? 1) i o nom recovery time 40 40 80 80 ms v o temperature coefficient t c min ? t c max 0.02 0.02 0.02 0.02 %/k t or start-up time v i = 0 v i nom, i o nom 700 700 700 700 ms t oh min hold-up time i o nom , 10 6 /15 20 25 v o nom 0.8 v o nom * converters with feature e and version 106 1 setting voltage with open r-input 2 superimposed low frequency ripple at 2 ? f i 3 rectangular current limit characteristic (continuous operation) 4 short-term peak power capability 150% of p o nom for approx. 1 s 5 ewn2660: 500 mv @ v i = 110 vdc
bcd20020-g rev ab1, 17-nov-09 page 10 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters table 7a: output data of 125 watt battery charger models. general conditions: t a = 25 c, unless t a is specified; r input left open-circuit, unless otherwise specified model lwr1140-6em1 lwr1240-6em1 lwr1840-6em1 lwr1740-6em1 unit characteristic conditions min typ max min typ max min typ max min typ max v o safe output setting voltage 1 v i nom , i o nom 13.48 13.8 14.15 24.5 25.68 26.3 36.75 38.52 39.5 49 51.36 52.6 v v bat output voltage (max.) v i min ? v i max , 14.65 29.3 43.95 58.6 controlled by r input i o = (0.1 ? 1) i o nom v o l overvoltage protection 15.4* 16.3* 30.9 32.5 46 48.8 61.8 65 p o nom nominal output power v i = 10 0 v ? v i max 104 * 115 115 115 w i o nom output current nominal 7.5 * 4.2 3.1 2.1 a i o l output current limit 3 v i min ? v i max 7.6* 8.4 * 4.3 4.8 3.2 3.7 2.2 2.5 i op output current boost 4 typ. 1 s 11.2 * 7 4.7 3.5 v o ripple and noise v i = 230 vac, 100 100 100 100 mv pp f i = 50 hz, i o nom 1100 2 1100 2 1200 2 1200 2 ? v o u static line regulation 100 v ? v i max, i o nom 0.08 0.1 0.15 0.15 v ? v o l static load regulation v i nom , ? 0.2 ? 0.4 ? 0.6 ? 0.8 (droop) i o = (0.1 ? 1) i o nom v od dynamic load regulation v i nom , 1.2 1.2 1.6 1.9 voltage deviation i o = (0.5 ? 1) i o nom recovery time 40 40 80 80 ms v o temperature coefficient t c min ? t c max 0.02 0.02 0.02 0.02 %/k t or start-up time v i = 0 v i nom, i o nom 700 700 700 700 ms table 7b: output data of 250 watt battery charger models. general conditions as in table 7a model lwn1140-6em1 lwn1240-6em1 lwn1840-6em1 lwn1740-6em1 unit characteristic conditions min typ max min typ max min typ max min typ max v o safe output setting voltage 1 v i nom , i o nom 13.48 13.8 14.15 24.5 25.68 26.3 36.75 38.52 39.5 49 51.36 52.6 v v bat output voltage (max.) v i min ? v i max , 14.65 29.3 43.95 58.6 controlled by r input i o = (0.1 ? 1) i o nom v o l overvoltage protection 15.4* 16.3* 30.9 32.5 46 48.8 61.8 65 p o nom nominal output power v i = 10 0 v ? v i max 194* 230 230 230 w i o nom output current nominal 14 * 10 6.2 4.2 a i o l output current limit 3 v i min ? v i max 14.2 * 15.6 * 8.6 9.6 6.4 7.4 4.4 5.0 i op output current boost 4 typ. 1 s 22.6 * 14 9.4 7.0 v o ripple and noise v i = 230 vac, 100 100 100 100 mv pp f i = 50 hz, i o nom 1100 2 1100 2 1200 2 1200 2 ? v o u static line regulation 100 v ? v i max, i o nom 0.08 0.1 0.15 0.15 v ? v o l static load regulation v i nom , ? 0.2 ? 0.4 ? 0.6 ? 0.8 (droop) i o = (0.1 ? 1) i o nom v od dynamic load regulation v i nom , 1.2 1.2 1.6 1.9 voltage deviation i o = (0.5 ? 1) i o nom recovery time 40 40 80 80 ms v o temperature coefficient t c min ? t c max 0.02 0.02 0.02 0.02 %/k t or start-up time v i = 0 v i nom, i o nom 700 700 700 700 ms * converters with feature e and version 106 1 setting voltage with open r-input = v o safe 2 superimposed low frequency ripple at 2 ? f i 3 rectangular current limit characteristic (continuous operation) 4 short-term peak power capability 150% of p o nom for approx. 1 s
bcd20020-g rev ab1, 17-nov-09 page 11 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters parallel operation double-output models exhibit an independant control logic each. both outputs can be connected in parallel, provided that the options s (included in m1) and r are not used, since they influence only the 2 nd output. the two power trains share the current due to their output voltage droop characteristic. up to 3 converters with the same output voltage may be operated in parallel. it is possible to parallel w series with x series converters. reasonable current sharing is achieved by the droop characteristic. correct mode of operation is highly dependent upon the wiring of the converters and the impedance of these wires. use wires with equal length and equal cross sections of min. 1.5 mm 2 . the best results for parallel operation can be achieved with the wiring shown in fig. 6. parallel operation of single-output models using the option r (output voltage adjust) is possible, but not recommended. refer to fig. 6; the connections between the pins 8 and 9 (both vo?) should be as short as possible. note : parallel operation is not possible, if a temperature sensor is connected, as the sensor eliminates the output voltage droop. note : for oring diodes, we recommend to use schottkydiodes, mounted on a commun heatsink to avoid thermal run away (or the use of double diodes). series connection series connection of several outputs up to 150 v is possible. exceeding an output voltage of 60 v, the output is not selv. output characteristic and protection the output characteristic, individual for each powertrain, is rectangular with a droop to ease parallel operation; see fig. 7. however, a 50% higher output current is possible for a short time, such allowing start- up of loads or charging of capacitors; see fig. 8. each output is independently protected against internal overvoltage by means of a second control loop. when the output voltage exceeds v o l , the respective output is disabled. overtemperature protection a built-in temperature sensor protects each powertrain is independently protected against overtemperature. when a fig. 7 v o versus i o (single-output model, typical values). vo+ 2 vo+ 3 vo- 4 vo- 5 vo- 8 vo- 9 vo+ 6 vo+ 7 aux 10 vo+ 2 vo+ 3 vo- 4 vo- 5 vo- 8 vo- 9 vo+ 6 vo+ 7 aux 10 vo+ 2 vo+ 3 vo- 4 vo- 5 vo- 8 vo- 9 vo+ 6 vo+ 7 aux 10 v i v i v i load 11054b additional wiring for output currents i o 10 a additional wiring, if using the r-input v r + _ fig. 6 wiring for single-output converters connected in parallel. additional wiring for higher output currents and with the use of option r is shown. 0.8 1.0 0.6 0.4 0.2 0 0 0.2 0.4 0.6 0.8 1.0 1.2 i o / i o nom v o /v o nom 05181a
bcd20020-g rev ab1, 17-nov-09 page 12 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters fig. 9 trickle charge voltage versus temperature for different temperature coefficients (v o safe with disconnected sensor) fig. 10 schematic circuit diagram of a system with battery backup and temperature-controlled charging. fig. 8 short term peak power characteristic: overcurrent versus time (typical values). certain temperature is reached, the concerned powertrain reduces its output power continuously. thermal considerations the thermal conditions are influenced by input voltage, output current, airflow, and temperature of surrounding components. t a max is therefore, contrary to t c max , an indicative value only. caution: the installer must ensure that under all operating conditions t c remains within the limits stated in the table temperature specifications . note: sufficient forced cooling allows t a to be higher than t a max provided that t c max is not exceeded. it is recommended that continuous operation under worst case conditions of the following 3 parameters be avoided: minimum input voltage, maximum output power, and maximum temperature. battery charging and temperature sensor the battery charger models exhibit the option m1 and have been designed to charge lead-acid batteries. the r-input allows for connecting a battery-specific temperature sensor, which provides temperature controlled adjust of the trickle charge voltage. this optimizes charging as well as battery life time. depending upon the cell voltage and the temperature coefficient of the battery, different sensor types are available; see accessories . note : parallel operation is not possible, if the temperature sensor is connected to the paralleled outputs vo+, as the sensor eliminates the output voltage droop. however, it is possible to insert bleeding resistors in the vo+ output lines of each converter in order to create a droop of approx. 0.6 v @ i o nom for 24 v outputs (1.2 v @ i o nom for 48v outputs), but this creates considerable power losses. 1.4 1.6 1.2 1.0 0.8 0.6 - - 0.5 0.5 1.5 2.5 s i o / i o nom 05194b 0 1 2 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 cell voltage [v] C20 C10 0 10 20 30 40 50 c 06139b v c = 2.27 v, C3 mv/k v c = 2.27 v, C3.5 mv/k v c = 2.23 v, C3 mv/k v c = 2.23 v, C3.5 mv/k v o safe power supply load ? + input vo? r temperature sensor  03099d battery vo+ +
bcd20020-g rev ab1, 17-nov-09 page 13 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters electromagnetic compatibility (emc) electromagnetic immunity the w series has been successfully tested to the following specifications: table 8: electromagnetic immunity (type tests) phenomenon standard level coupling value waveform source test in per- mode 1 applied imped. procedure oper. form. 2 electrostatic iec/en 4 3 contact discharge 8000 v p 1/50 ns 330 ? 10 positive and yes a discharge 61000-4-2 air discharge 15000 v p 10 negative (to case) discharges electromagnetic iec/en 3 4 antenna 10 v/m 4 am 80% n.a. 80 ? 1000 mhz yes a field rf 61000-4-3 1 kh z env 50204 3 antenna 10 v/m 50% duty cycle, n.a. 900 5 mhz yes a 200 hz repet. frequ. iec/en 5 antenna 20 v/m 80% am, 1 khz n.a. 800 ? 1000 mhz yes a 61000-4-3 10 vm 1400 ? 2100 mhz (ew models) 5 v/m 2100 ? 2500 mhz electrical fast iec/en 3 6 capacitive, o/c 2000 v p bursts of 5/50 ns, 50 ? 60 s positive + yes a transients/burst 61000-4-4 4 6 i/ c, +i /? i 4000 v p 6 5 khz over 15 ms, 60 s negative direct coupling burst period: 300 transients per ms coupling mode surges iec /en 3 7 +i/c, ?i/c 2000 v p 1.2/50 s 12 ? 5 pos. and 5 neg. yes b 61000-4-5 2 7 +i/?i 1000 v p 1.2/50 s 2 ? surges per coupling mode conducted iec /en 3 8 i, o, signal wires 10 vac am 80% 150 ? 0.15 ? 80 mhz yes a disturbances 61000 -4-6 (140 dbv) 1 khz surges iec/en wave +i/c, ?i/c 1800 v p 5/50 s 5 ? 5 pos. and 5 neg. yes b (ew models) 50155:2001 a 9 pulses 1 i = input, o = output, c = case. 2 a = normal operation, no deviation from specifications, b = normal operation, temporary loss of function or deviation from spec s. possible. 3 exceeds en 50121-3-2:2006 table 9.3 and en 50121-4:2006 table 1.4. 4 ew models: 20 v/m, which corresponds to en 50121-3-2:2006 table 9.1 and exceeds en 50121-4:2006 table 1.1. 5 ew models only. corresponds to en 50121-3-2:2006 table 9.2 and en 50121-4:2006 table 1.2 (compliance with digital mobile phones ). 6 ew models are tested to level 3 (2000 v p) , corresponding to en 50121-3-2:2006 table 7.2 and en 50121-4:2006 table 2.2. 7 complies with en 50121-3-2:2006 table 7.3 and en 50121-4:2006 table 2.3. 8 corresponds to en 50121-3-2:2006 table 8.1 and en 50121-4:2006 table 3.1 (radio frequency common mode). 9 corresponds to en 50121-3-2:2000. covers en 50155:1995, ria12, direct transients, wafeform d (ew models only).
bcd20020-g rev ab1, 17-nov-09 page 14 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters fig. 12a conducted emissions of lw models with feature e: disturbances (quasi-peak) at the phase input according to en 55022, measured at v i nom and i o nom . (lwn1801-6e) fig. 11b radiated emissions for lw models without feature e: typical electromagnetic field strength (quasi-peak) according to en 55014, measured at v i nom and i o nom . fig. 11a conducted emissions for lw models without feature e: typical disturbances (quasi-peak) at the input according to en 55022, measured at v i nom and i o nom . 07118b en 55022 b 80 70 60 50 40 30 20 10 0 0.03 0.3 0.1 1 3 10 dbv 30 mhz en 55022 a emissions table 9: electromagnetic emissions for lw models with feature e: (type tests with lwn1801-6e) phenomenon standards conditions results harmonics en 61000-3-2:2000 v i = 230 v, v o nom , i o nom class a, d voltage fluctuation and flicker en 61000-3-3 + a1:2001 v i = 230 v, v o nom , i o nom complied 80 60 40 20 0 dbpw 50 100 150 200 250 300 mhz 07119a fig. 12b radiated emissions measured according to en 55022:2001 for lw models with feature e (lwn1801-6e, antenna 3 m distance, horizontal polarized)
bcd20020-g rev ab1, 17-nov-09 page 15 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters l' n' converter pe' pe pe l n choke jm007 jm0038 30 50 100 200 500 1000 m dbv/m 10 20 30 40 0 50 tv-divina, esvs 30:r&s, bba 9106/uhalp 9107:schwarzb., qp, 2006-05-29 testdistance 10 m, ewn2660-0 u i =110 v, u o =24 v i o = 2 x 5 a en 55011 a external emc filter for models with feature e an external emc filter can be connected to the inputs lines of the converter. however, a small choke has to be included in the phase line to avoid interferences between the internal and external filter, which would cause dramatically increased low harmonics. fig. 13a conducted emissions of ew models: disturbances (peak) at the phase input according to en 55011, measured at v i nom and i o nom . (ewn2660- 0) fig. 14a conducted emissions of lw models with external filter: disturbances (peak) at the phase input according to en 55011/55022, at v i = 230 vac, i o nom (lwn1701-6e). fig. 14b conducted emissions of lw models with feature e: disturbances (average) at the phase input according to en 55011/55022, at v i = 230 vac, i o nom (lwn1701-6e). fig. 14a and 14b show the conducted emissions smoothed by an external filter. the standards en 55011 and 55022 define limits for conducted (quasi)peak and conducted average emissions. in general the limits for average emissions are more difficult to meet. the figure below shows the used external filter configuration consisting of the inlet filter kmf1.1241.11 (4 a, schurter www.schurter.com ) and the decopling choke epcos b821 1 1b0000c018, 11 h, 4 a, 6 20 mm. note: this filter allows for connection of an iec inlet and is available with 1 or 2 incorporated fuses. a similar filter with amp terminals (6.3 20 mm) is also available (schurter fmlb 5500.2028). fig. 15a external filter to reduce conducted emissions of lw models with feature e (l1 = l2 = 1.6 mh, cx = 47 nf, cy = 2.2 nf) fig. 15b external inlet filter pmm 8000 plus limit: 61204bqp detector: peak phase line filter3 01.09.06 lwn1701-6e u i =230vac, p onom , schurter-filter 4a + drossel 11h/4a en 55022 b dbv 60 40 20 0 0.2 0.5 1 2 5 10 20 mhz jm005 pmm 8000 plus limit: 61204bqp detector: peak, conducted vi+, 6.6.06 ewn2660-0 u i =110vdc, i o =10a, outputs in parallel configuration en 55011 b dbv 60 40 20 0 0.2 0.5 1 2 5 10 20 mhz jm008 pmm 8000 plus en 55022 b limit: 61204aqp detector: average phase line filter3 01.09.06 lwn1701-6e u i =230vac, p onom , schurter-filter 4a + drossel 11h/4a dbv 60 40 20 0 0.2 0.5 1 2 5 10 20 mhz jm006 fig. 13b radiated emissions of ew models, measured at v i nom , i o nom , accord. to en 55011, antenna 3 m distance, (ewn2660-0)
bcd20020-g rev ab1, 17-nov-09 page 16 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters immunity to environmental conditions table 10: mechanical stress and climatic test method standard test conditions status cab damp heat iec/en 60068-2-78 t emperature: 40 2 c converter steady state mil-std-810d sect. 507.2 relative humidity: 93 +2/-3 % not duration: 56 days operating kb salt mist, cyclic iec/en 60068-2-52 concentration: 5% (30 c) converter (sodium chloride duration: 2 h per cycle not nacl solution) conditions: 40 c, 93% rel. humidity operating storage duration: 3 cycles of 22 h e b bump iec/en 60068-2-29 acceleration amplitude: 25 g n = 245 m/s 2 converter (half-sinusoidal) mil-std-810d sect. 516.3 bump duration: 11 ms not operating , 6000 bumps: 1000 in each direction wall-mounted 1 acceleration amplitude: 10 g n = 98.1 m/s 2 converter bump duration: 11 ms not operating , 6000 bumps: 1000 in each direction on din-rail 2 fc vibration iec/en 60068-2-6 acceleration amplitude and 0.35 mm (10 ? 60 hz) converter (sinusoidal) mil-std-810d sect. 514.3 frequency (1 octave/min): 5 g n = 49 m/s 2 (60 ? 2000 hz) operating, test duration: 7.5 h (2.5 h each axis) wall-mounted 1 acceleration amplitude and 0.25 mm (10 ? 60 hz) converter frequency (1 octave/min): 2 g n = 19 m/s 2 (60 ? 2000 hz) operating, test duration: 7.5 h (2.5 h each axis) on din-rail 2 e a shock iec/en 60068-2-27 acceleration amplitude: 50 g n = 490 m/s 2 converter (half-sinusoidal) mil-std-810d sect. 516.3 bump duration: 11 ms not operating , number of bumps: 18 (3 in each direction) wall-mounted 1 -- shock en 501 55/en 61373 3 acceleration amplitude: 5.1 g n converter sect. 10, class a and b bump duration: 30 ms operating, body mounted 4 number of bumps: 18 (3 in each direction) on din-rail 2 fh random vibration iec/en 60068-2-64 acceleration spectral density: 0.05 g n 2 /hz converter broad band, frequency band: 8 ? 500 hz operating, digital control and acceleration magnitude: 4.9 g n rms wall-mounted 1 guidance test duration: 3 h (1 h each axis) fda random vibration iec/en 60068-2-35 acceleration spectral density: 0.01 g n 2 /hz converter wide band, frequency band: 20 ? 500 hz operating, high reproducibility acceleration magnitude: 2.2 g n rms mounted on a test duration: 1.5 h (0.5 h each axis) din-rail 2 -- simulated long life en 50155 /en 61373 3 acceleration spectral density: 0.01 g n 2 /hz converter time testing at sect. 8 and 9, cl ass b frequency band: 5 ? 150 hz operating, increased random body mounted 3 acceleration magnitude: 0.8 g n rms mounted on a vibration levels test duration: 1.5 h (0.5 h each axis) din-rail 2 1 wall-mounted with brackets umb-w [hzz00618]; see accessories 2 fastened on a din-rail with 2 additional din-rail fixing brackets dmb-ewg, see accessories. this covers also wall-mounting with brackets, because wall mounting performs better in vibration test. 4 ew models (railway standards) 4 body mounted = chassis of a railway coach temperatures table 11: temperature specifications, valid for an air pressure of 800 - 1200 hpa (800 - 1200 mbar) model lw models -6 ew models -0 unit characteristics conditions min max min max t a ambient temperature converter ?40 60 ?40 70 3 c t c case temperature operating 1 ?40 90 2 ?40 90 3 t s storage temperature not operating ?40 100 ?40 100 1 see thermal considerations 2 see table 5 p o derating 3 mounted in vertical position
bcd20020-g rev ab1, 17-nov-09 page 17 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters 138 (5.43") 106.6 (4.2") 113.6 (4.47") 15 (0.59") 122.8 (4.84") 103 (4.05") 33 (1.3") 49 (1.93") 09107b 108 (4.25") wall mounting brackets (accessories) measuring point for case temperature t c t c option m option m 13 (0.51") 31 (1.22") 29.4 (1.16") 43 (1.69") led european projection z axis (vertical) x axis 40 (1.6") mechanical data dimensions in mm. fig. 16 case w01 ewn/lwn: weight approx. 1400 g ewr/lwr: weight approx. 1200 g case designed by atp, munich. failure rates table 12: mtbf values at specified module types ground benign ground fixed ground mobile unit case temperature 40 c 40 c 70 c 50 c mtbf 1 lwr1601 892 000 180 000 197 000 68 000 h lwn1601 644 000 131 000 72 000 51 000 lwn2660 522 000 101 000 55 000 38 000 1 calculated in accordance with mil-hdbk-217e, notice 2.
bcd20020-g rev ab1, 17-nov-09 page 18 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters 1 35 7 9 11 10067 2 46 8 10 1 3 2 10066 safety and installation instructions terminal allocation the terminal allocation tables define the electrical potential of the converters. fig. 17b view of the output terminals (cage clamp style) fig. 17a view of the input terminals (cage clamp style) installation instructions the converters of the w series are components, intended exclusively for inclusion within other equipment by professional installers. installation must strictly follow the national safety regulations in compliance with the enclosure, mounting, creepage, clearance, casualty, markings and segregation requirements of the end-use application. din-rail mounting is possible with the built-in snap-fit device on a din-rail. this fulfills the mechanical transport requirements as per etsi 300019-1-2, class 2 (vertical). to fulfill the requirements of iec 721-3-2, class 2.1 (vertical), 2 additional fixing brackets dmb-ewg [formerly hzz00624] (see accessories) must be fitted on the bottom side of the din-rail. for heavy duty railway applications, we recommend installing all 4 fixing brackets dmb-ewg. wall mounting is possible with the wall-mounting brackets umb-w [hzz00618] (see accessories ). this complies with iec 721-3-2, class 2.2 (vertical and horizontal). caution : install the converters vertically, and make sure that there is sufficient airflow available for convection cooling. the minimum space to the next device should be: top/bottom: 30 mm, left/right: 20 mm. the converters of the w series are class i equipment: input terminal 1 ( ) and the output terminals 1 and 11 () are reliably connected to the case. for safety reasons it is fig. 18b dismounting from din-rail. use proper tool (min. 3 mm screwdriver) and adequate force. fig. 18a snap-fit mounting to din-rail. 10073 10072 table 13c: terminal allocation output side pin no. pin des. single output double output 1 functional functional earth to load earth to load 2 + output positive output 1 positive 3 + output positive output 1 positive 4 ? output negative output 1 negative 5 ? output negative output 1 negative 6 + output positive output 2 positive 7 + output positive output 2 positive 8 ? output negative output 2 negative 9 ? output negative output 2 negative 10 aux option option 11 functional functional earth to load earth to load table 13b: input terminals of ew models pin no. pin designation electrical determination 1 protective earth pe 2 vi? input negative 3 vi+ input positive table 13a: input terminals of lw models pin no. pin designation electrical determination 1 protective earth pe 2n input neutral, dc negative 3l input phase, dc positive essential to connect the input terminal 1 ( ) to the protective earth of the supply system. output terminals 1 and 11 can be used to connect the output voltage(s) or the load to functional earth. the phase input (l or vi+) is internally fused; see input fuse .
bcd20020-g rev ab1, 17-nov-09 page 19 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters 1 2 3 1007 4 fig. 19 cage clamp terminals. use 0.5 to 2.5 mm 2 (awg 20 to 12) solid or stranded wires depending on local requirements. this fuse is designed to break an overcurrent in case of a malfunction of the converter and is not customer-accessible. external fuses in the wiring to one or both input lines (l and/ or n ) may be necessary to ensure compliance with local requirements. a built-in second fuse in the neutral path is available as option f. a second fuse in the wiring to the neutral terminal n or option f is needed if: ? local requirements demand an individual fuse in each source line ? neutral and earth impedance is high or undefined ? phase and neutral of the mains are not defined or cannot be assigned to the corresponding terminals (l to phase and n to neutral). models with option f: caution! double-pole/neutral fusing. if the converters operate at source voltages above 250 vdc, an external fuse or a circuit breaker at system level should be installed. caution: ? installation must strictly follow the national safety regulations. ? do not open this apparatus! protection degree the protection degree of the converters is ip 20. protective covers over input and output terminals are available on request; see accessories . cleaning agents any penetration of liquid or foreign solid objects is to be prevented, since the converters are not hermetically sealed. standards and approvals the converters of the lw series with feature e were approved according to iec/en 60950-1:2001 (iec/en 60950 for models without e), iec 61010-1:c11:2002 (models without e: iec 61010-1), and en 50178:1997 (with and without e). the converters are ul508-listed and approved according to ul 60950-1 and can/csa c22.2 no. 60950-1. safety approvals for ew models are in process. the converters have been designed in accordance with said standards for: ? class i equipment ? power supply for building-in, vertical mounting on 35 mm din-rail or on a wall ? overvoltage category ii (iii for 110 vac supply) ? basic insulation between input and case, based on 250 vac ? double or reinforced insulation between input and output, based on 250 vac and 350 vdc. ? functional insulation between outputs and case. ? functional insulation between outputs. ? pollution degree 3 environment (ac-input) and degree 2 (dc input). the converters are subject to manufacturing surveillance in accordance with the above mentioned ul standards and with iso9001:2000. railway applications the w series converters have been designed observing the railway standards en 50155 and en 50121. all boards are coated with a protective lacquer. the ew series is particularily suitable for connection to 110 v railway batteries.
bcd20020-g rev ab1, 17-nov-09 page 20 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters isolation the electric strength test is performed in the factory as routine test in accordance with en 50116 and iec/en 60950 and should not be repeated in the field. power-one will not honor any warranty claims resulting from electric strength field tests. leakage currents in ac-dc operation leakage currents flow due to internal leakage capacitance and rfi suppression y-capacitors. the current values are proportional to the mains voltage and nearly proportional to the mains frequency. they are specified at maximum operating input voltage where phase, neutral, and protective earth are correctly connected as required for class i equipment. leakage current may exceed 3.5 ma, if f i > 63 hz. safety of operator-accessible output circuits if the output circuit of a converter is operator accessible, it shall be a selv circuit according to iec/en 60950 related safety standards. the converters have selv output circuits up to an output voltage of 57.5 v. however, if the isolated outputs are connected to another voltage source or connected in series with a total of >57.5 v the outputs are hazardous. it is the sole responsibility of the installer to ensure the compliance with the relevant and applicable safety regulations. led indicator a green led is activated, when the output voltage v o is within the normal operating tolerance band. note: this led is also activated, when the converter is not powered by the input, but a loaded battery is connected to the output. table 14: isolation characteristic input to case output(s) to output 1 to unit and output(s) case output 2 and aux electric factory test 1 s 2.8 1 1.4 0.5 kvdc strength ac test voltage equivalent 2.0 1.0 0.35 kvac test to factory test insulation resistance > 300 2 > 300 2 > 100 m ? 1 in accordance with en 50116 and iec/en 60950-1, subassemblies are pretested with 4.2 kvdc. 2 tested at 500 vdc.
bcd20020-g rev ab1, 17-nov-09 page 21 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters description of options e designates lw models with improved emc performance. refer to the ec declaration of conformity (last page). feature e is standard for new designs. single options d1, d2, d5, r are available (as single choice options) on the aux terminal (10), referenced to vo?. option m1 and m2 designate a combination of several options accessible via a d-sub connector. option m1 includes the function sd (shutdown). note: in double-output models, the options d1, d5, r, and sd concern only output 2. single options using the aux pin the connection is shown in the figure below. for the description refer to adjustment of v o or v o2 ( next section). multiple options m1 or m2 via d-sub connector the option board is suitable for applications, where several options are needed. option m1 is standard for battery charger models, option m2 is suitable for applications without battery or for simple applications with battery. table 16b: option board m2 function description r output voltage adjust 1 d2 input voltage monitor v i low d5 output voltage monitor 1 (battery deep discharged): v o low d5 d-adjust adjustment of trigger values d1 and d5 1 in double-output models, only output 2 is concerned. table 16a: option board m1 function description r output voltage adjust 1 d1 output voltage monitor v o low d1 1 d2 input voltage monitor v i low d5 output 2 voltage monitor 1 (battery deep discharged): v o low d5 sys-ok system okay sd shutdown 1 d-adj adjustment of trigger values d1 and d5 1 in double-output models, only output 2 is concerned. table 15: pin allocation of the 9 pin d-sub connector pin designation description 1 gnd1 1 system ground / common signal return 2 r r input 3 3 vcc 2 positive supply voltage ( output 2) 4 d1 output voltage monitor v o low d1 3 5 d5 output 2 voltage monitor v o low d5 3 6 sd shutdown 3 7 d-adj adjustment of threshold values of d1 or d5 8 d2 input voltage monitor v i low 9 sys-ok system okay (all outputs are okay) 1 do not connect gnd1 (pin 1) with the neg. output (?) 2 do not connect vcc (pin 3) with the positive output (+) 3 in double-output models, r, d1, d5, sd concern output 2 only. fig. 21 option d2: examples of relay control to monitor a power failure. fig. 20 connection of adjust resistors or an external voltage source to adjust the output voltage v o or v o2 (option m1 or m2 not fitted) aux 1 11 10 9 8 7 6 5 4 3 2 adjustment with v ext 06142b aux 1 11 10 9 8 7 6 5 4 3 2 adjustment with r ext vo2+ or vo+ vo2C or voC r ext1 r ext2 v ext + vo2C or voC 1234 5 6 789 + power-fail d-sub 06141a 1 11 10 9 8 7 6 5 4 3 2 d2 + aux 1 11 10 9 8 7 6 5 4 3 2 vo2+ or vo+ vo2+ or vo+ 1234 5 6 789 + power-fail d2 d-sub vcc 06140a d2: input voltage monitor (power fail) d2 monitors the input voltage v i . when v i drops below 653 vac or 92 vdc, the d2 signal output is high impedance (open- collector, max. 50 v). when v i is greater then said level, the signal output d2 is conducting: v d2 < 1.5 v, i d2 max < 50 ma. d1: output voltage monitor
bcd20020-g rev ab1, 17-nov-09 page 22 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters d1: output voltage monitor d1 is intended for monitoring the bus voltage of a battery- buffered system. it indicates that the system is powered from the battery and can for instance be used as a warning signal or to switch off a part of the load. when the output voltage v o (or v o2 ) is greater than v o low d1 specified in table 17, the d1 signal output is conducting: v d1 < 1.5 v, i d1 max < 50 ma. when v o is lower, the d1 signal output is high impedance (open-collector, max. 58.6 v). in double-output models, d1 monitors only output 2 ( v o2 ). in applications without battery-buffering the d1 signal may not be suitable, since smaller dynamic load changes may cause d1 to trigger. for such applications, d5 with a trigger level of approx. 85% of v o nom should be chosen (e.g., for a bus voltage of 24.7 v: trigger level at 21 v). d5: system voltage monitor (battery deep) d5 monitors the output voltage v o (v o2 in double-output models) or the lowest admissible voltage of a connected battery (battery deep discharge). the definition of d5 is similar to d1, but the trigger level is lower. when v o (or v o2 ) is greater than v o low d5 specified in table 17, the d2 signal output is conducting: v d5 < 1.5 v, i d5 max < 50 ma. when v o is lower, the d5 signal output is high impedance (open-collector, max. 58.6 v). in double-output models, d5 monitors only output 2 ( v o2 ). in systems without battery support, d5 signals that v o (or v o2 ) is going to drop below a safe value. in battery-buffered systems, d5 indicates that the battery has reached its deepest discharge level prior to getting damaged. the d5 signal can be used for instance to disable loads, save data, or to start a controlled switch-off of running processes. adjustment of threshold levels (d1/d5) pin 7 of the d-sub connector allows for adjustment of the threshold levels of d1 and d5. both levels are influenced by the voltage divider r x / r y. resistor r x to pin 3 (vcc) lowers the levels, whereas r y to pin 1 (gnd1) increases them (see fig. 22). sd: shutdown reduces the output power to approx. 1 w, but the converter is not fully disabled. in a no-load condition, v o drops below 6.2 v; see fig. 23. in double-output models, only output 2 is influenced. table 18: shutdown conditions voltage v sd on result shutdown pin < 0.7 v converter disabled ( p o approx. 1 w) 2.0 v or open converter enabled sys-ok: status this function allows in a battery charger application for checking, whether the output is correctly following the external control signal at the r-input (coming for instance from the temperature sensor). the logic is shown in table 19. fig. 23 output voltage versus output current, while the shutdown is activated (v i = v i nom ). 05175b 3 1 0 0.2 0.4 0.6 0.8 1.2 1 a 5 output current v output voltage fig. 22 wiring to adjust both threshold levels of option d1 or d5 1234 5 6 789 d-sub 06148a rx change threshold ry vcc gnd1 d-adj table 17: options d1 and d5: trigger and switch-on levels model battery v o low d1 v o low d 5 v bat trigger switch on trigger switch on [v] [v] [v] [v] [v] lwr/lwn1140 12 11.5 12.1 10.5 12.1 lwr/lwn1240 24 23 24.2 21 24.2 lwr/lwn1840 36 34.4 36.3 31.5 36.3 lwr/lwn1740 48 46 48.4 42 48.4
bcd20020-g rev ab1, 17-nov-09 page 23 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters fig. 24 system connectors option k2 r: adjustment of v o or v o2 the r input allows external adjustment of the output voltage in the range of 50% to 110% v o nom . double-output models allow only adjustment of output 2 (connected to the terminals 6, 7, 8 and 9). this enables asymmetric output voltage configuration. adjustment can be achieved via a resistor or an external voltage source (in the range of 1.25 ? 2.75 v). note : if the r input is not connected: v o or v o2 v o nom . a) adjustment by an external resistor: resistor r ext1 , connected between r (pin 2) and gnd1 (pin 1) of the d-sub connector or according to fig. 20. v o v o = 50 ? 100% v o nom . r ext1 4 k ? ? ????????? v o nom ? v o resistor r ext2 , connected between r (pin 2) and vcc (pin 3) of the d-sub connector or according to fig. 20. v o ? 2.5 v v o = 100 ? 110% v o nom . r ext2 4 k ? ? ???????????????? 2.5 v?( v o / v o nom ?1) note: if the r function is not included in m1 or m2, refer to figure 20 how to connect r ext1 or r ext2 . b) adjustment by an external control voltage v ext (1.25 ? 2.75 v), connected between r (pin 2) and gnd (pin 1) of the d- sub connector or according to fig. 20. v o v ext v ext 2.5 v ? ????? v o v o nom ? ???? v o nom 2.5 v caution: to prevent damage, v ext should not exceed 3 v, nor be negative. note: if longer wires are used to connect the r input at the d-sub connector, the wiring to pin 1 (gnd1) should be done as star point connection. if wired differently, the output voltage setting may be adversely affected. in battery charging systems, an external battery temperature sensor (see accessories ) can be connected to optimize v o . however, adjustment using the r input (pin 2 of d-sub) is possible as well. the above shown formulas are valid, but v o nom stands for the voltage with open r input ( = v o safe ). f: built-in second fuse a built-in second fuse in the neutral line provides safe phase- to-phase connection at low mains voltages (e.g., usa 120 v/ 208 v / 60 hz systems). the built-in second fuse also enables safe connection to the mains, where phase and neutral are not defined or cannot be identified, as e.g., in the case of plug and socket connection to the mains via german schuko-plugs; see also safety and installation instructions . option f limits the dc input voltage to 250 v. q: reverse polarity protection ew models have no bridge rectifier at the input. to provide reverse polarity protection, an additional diode can be fitted. however this lowers the efficiency by approximately 1%. k2: system connectors for installation in systems using pre-assembled harnesses the converters are available with system connectors. they are ul- listed, approved for currents up to 15 a at ?40 to 105 c. the mating system connectors with screw terminals and retainers are delivered together with every converter with option k2. use max. 2.5 mm 2 (awg 12) solid or stranded wires, or max. 1.5 mm 2 (awg 14) stranded wires with crimp termination, stripped length 6 mm. tightening torque of input/ output terminals: max. 0.79 nm (7 lbs.in.). g: rohs rohs compliant for all six substances. table 19 : system ok (m1 with external battery sensor) system status input v control v bat v bat sys-ok sensor signal theoretical measured output system ok o.k. 2.7 v 27 v 27 v low ohmic battery overchared / temp. sensor o.k. 2.7 v 27 v 28 v high ohmic defect / control voltage to high overload, converter cannot follow the o.k. 2.7 v 27 v 24 v high ohmic control signal output does not follow control signal, o.k. 3.0 v 30 v 27 v high ohmic since battery would be overcharged system ok o.k. 2.5 v 25 v 25v low ohmic
bcd20020-g rev ab1, 17-nov-09 page 24 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters accessories umb-w: shock-resistant wall mounting set of wall mounting brackets umb-w [hzz00618] content: 2 clamps, 4 countersunk screws m4, washers, and spring washers. fig. 25 brackets umb-w fig. 26 wall mounting with mounting brackets umb-w. dmb-ewg: din-rail fixing brackets for din-rail vibration-proof fastening, use a set of brackets dmb-ewg (replacement for hzz00624). for heavy-duty application 2 sets ( = 4 brackets) are preferable. protective covers over terminals set of plastic covers cover-w [hzz 01219] content: 2 covers to protect the input and output connector. fig. 27 din-rail fixing bracket dmb-ewg. fig. 28 protective covers cover-w 49 33 0.5 4.2 8 18 3 12055 10068
bcd20020-g rev ab1, 17-nov-09 page 25 of 25 www.power-one.com ? w series data sheet 125, 250 watt ac-dc and dc-dc din-rail converters + C battery r gnd temperature sensor + C 05191a green brown white d-sub fuse load vo+ voC converter 2 3 1 vcc fig. 30 connection of a temperature sensor fig. 29 temperature sensor battery temperature sensor to charge lead-acid batteries according to their temperature different types of temperature sensors are available, (see battery charging and temperature sensor in this data sheet and the temperature sensor data sheet at www.power- one.com ). for additional information go to www .power-one.com. european projection nuclear and medical applications - power-one products are not designed, intended for use in, or authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written conse nt of the respective divisional president of power-one, inc. technical revisions - the appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. specifications are subject to change without notice. 56 (2.2") l l = 2 m (standard length) other cable lengths on request adhesive tape 26 (1.02") 9.8 (0.4") 09125a table 20: sensors for converters with standard r input battery sensor cell cell temp. cable voltage type voltage coefficient length nom. [v] [v] [mv/k] [m] 12 s-ksmh12-2.27-30-2 2.27 ? 3.0 2 24 s-ksmh24-2.27-30-2 2.27 ? 3.0 2 24 s-ksmh24-2.27-35-2 2.27 ? 3.5 2 24 s-ksmh24-2.31-35-0 2.31 ? 3.5 4.5 24 s-ksmh24-2.35-35-2 2.35 ? 3.5 2 48 s-ksmh48-2.27-30-2 2.27 ? 3.0 2 48 s-ksmh48-2-27-35-2 2.27 ? 3.5 2


▲Up To Search▲   

 
Price & Availability of POWER-ONEINC-LWN1840-6EM1FK2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X